Part Number Hot Search : 
1209S MT6L58AT CM162 ZX84C18 AAT4612 LM2903PT MBR1050 V800B
Product Description
Full Text Search
 

To Download CSS2H-3920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model CSS2H-3920 series current sense resistor * rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. **bourns considers a product to be halogen free if (a) the bromine (br) content is 900 ppm or less; (b) the chlorine (cl) content is 900 ppm or less; and (c) the total bromine (br) and chlorine (cl) content is 1500 ppm or less. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. electrical characteristics 1 terminal temperature 2 for full tcr range, refer to tcr curve 3 tinned copper characteristic model CSS2H-3920 series resistance range / power rating @70 c 1 / power rating @130 c 1 CSS2H-3920c-000 3 < 0.2 mw / 160 a CSS2H-3920r-l200x 0.2 mw / 12 w / 5 w CSS2H-3920r-l300x 0.3 mw / 10 w / 5 w CSS2H-3920r-l500x 0.5 mw / 9 w / 5 w CSS2H-3920r-l700x 0.7 mw / 8 w / 5 w CSS2H-3920r-1l00x 1.0 mw / 8 w / 5 w CSS2H-3920k-2l00x 2.0 mw / 6 w / 4 w CSS2H-3920k-2l50x 2.5 mw / 5 w / 3.5 w CSS2H-3920k-3l00x 3.0 mw / 5 w / 3 w CSS2H-3920k-4l00x 4.0 mw / 4 w / 2.5 w CSS2H-3920k-5l00x 5.0 mw / 3 w / 2 w operating temperature range -55 to +170 c tcr - resistive alloy 2 50 ppm/c (20~60 c) temperature coeffcient including copper terminals CSS2H-3920r-l200x 150 ppm/c CSS2H-3920r-l300x 150 ppm/c CSS2H-3920r-l500x 150 ppm/c CSS2H-3920r-l700x 100 ppm/c CSS2H-3920r-1l00x 100 ppm/c CSS2H-3920k-2l00x 75 ppm/c CSS2H-3920k-2l50x 75 ppm/c CSS2H-3920k-3l00x 75 ppm/c CSS2H-3920k-4l00x 75 ppm/c CSS2H-3920k-5l00x 75 ppm/c resistance tolerance 1 %, 5 % environmental characteristics characteristic test condition dr max. thermal shock -55 to +150 c / 2000 cycles 0.50 % short time overload 5 times rated power for 5 second duration 0.50 % resistance to soldering heat +260 c / 10 seconds 0.50 % high temperature exposure +170 c / 2000 hours 1.00 % low temperature storage -65 c / 24 hours 0.10 % biased humidity test +85 c, 85 %r.h., 1000 hours 0.50 % moisture resistance 10 days with cold shock, no load 0.20 % mechanical shock 100 g, 6 ms half sine 0.20 % vibration, high frequency 20 g, 10-2000 hz 0.20 % load life 2000 hours, max. load, terminal temperature 130 c 1.00 % solderability j-std-002 95 % coverage min. esd aec-q200-002, 25 kv 0.25 % board flex 60 sec. min. holding time 0.25 % typical part marking 3920r 1l00 1% 1530 size material type manufacturer?s trademark date code: yyww resistance tolerance: f = 1 % j = 5 % resistance code in milliohms: ?l? = decimal point how to order css 2h - 3920 r - 1l00 f __ model no. of terminals & style size material type (see part number table) resistance code (milliohms) l represents decimal point (examples: l500 = .500 milliohms; 1l00 = 1.00 milliohms) resistance tolerance f = 1 % j = 5 % packaging size blank = standard 13 reel e = mini 7 reel features n eb welded metal strip n very high power n excellent long term stability n low resistance, low tcr n low thermal emf n rohs compliant* and halogen free** n aec-q200 qualifed applications n current sensing n voltage division n battery management systems n power modules n frequency converters n industrial *rohs compliant, **halogen free & aec-q200 qualified lead free *rohs compliant versions available lead free versions are rohs compliant* 3 9 2  k 3 l   1 % 1 5 3 6 3 9 2  k 3 l   1 % 1 5 3 6
recommended pad layout dimensions: mm (inches) 10.04 0.30 (0.394 0.011) 5.20 +0.30/-0.20 (0.205 +0.012/-0.008) trimming area base material copper alloy c10200 0.50 0.20 (0.020 0.007) resistive material y 5.00 +0.20/-0.30 (0.197 +0.007/-0.011) 2.00 +0.20/-0.50 (0.079 +0.007/-0.019) 6.20 (0.24) 2.70 (0.11) 5.60 (0.22) sense terminals solder pads i a i b model CSS2H-3920 series current sense resistor specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. product dimensions part number dimension y CSS2H-3920c-000 0.42 0.1 (0.016 0.004) CSS2H-3920r-l200x 1.20 0.2 (0.047 0.008) CSS2H-3920r-l300x CSS2H-3920r-l500x 0.84 0.1 (0.033 0.004) CSS2H-3920r-l700x 0.42 0.1 (0.016 0.004) CSS2H-3920r-1l00x CSS2H-3920k-2l00x CSS2H-3920k-2l50x CSS2H-3920k-3l00x CSS2H-3920k-4l00x CSS2H-3920k-5l00x dimensions: mm (inches) 10.04 0.30 (0.394 0.011) 5.20 +0.30/-0.20 (0.205 +0.012/-0.008) trimming area base material copper alloy c10200 0.50 0.20 (0.020 0.007) resistive material y 5.00 +0.20/-0.30 (0.197 +0.007/-0.011) 2.00 +0.20/-0.50 (0.079 +0.007/-0.019) 6.20 (0.24) 2.70 (0.11) 5.60 (0.22) sense terminals solder pads i a i b
3312 - 2 mm smd trimming potentiometer specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. model CSS2H-3920 series current sense resistor tcr curves 1.5 2.0 0.5 1.0 -0.5 0 -1.5 -2.0 -55 -30 -5 20 45 temperature (c) k-t ype resistive material dr/r25 (%) 70 95 120 145 170 -1.0 material chart 100 ppm tcr 1.5 2.0 0.5 1.0 -0.5 0 -1.5 -2.0 -55 -30 -5 20 45 temperature (c) r-t ype resistive material dr/r25 (%) 70 95 120 145 170 -1.0 material chart 100 ppm tcr 0.8 1.0 0.2 0.6 -0.2 0 -0.8 -1.0 -55 -30 -5 20 45 temperature (c) k-t ype resistive material dr/r25 (%) 70 95 120 145 170 -0.6 0.4 -0.4 material chart 50 ppm tcr 0.8 1.0 0.2 0.6 -0.2 0 -0.8 -1.0 -55 -30 -5 20 45 temperature (c) r-t ype resistive material dr/r25 (%) 70 95 120 145 170 -0.6 0.4 -0.4 material chart 50 ppm tcr power derating curves 0 02 04 08 0 100 120 140 180 20 40 power ratio (%) terminal temperature (c) 80 120 100 60 60 70 c 160 02 04 08 0 100 120 140 180 terminal temperature (c) 60 130 c 160 0 20 40 power ratio (%) 80 120 100 60 0 02 04 08 0 100 120 140 180 20 40 power ratio (%) terminal temperature (c) 80 120 100 60 60 70 c 160 02 04 08 0 100 120 140 180 terminal temperature (c) 60 130 c 160 0 20 40 power ratio (%) 80 120 100 60 @70 c @130 c
model CSS2H-3920 series current sense resistor packaging specifcations dimensions: mm (inches) top cover tape component orientation trimming position 0.25 (0.010) 0.61 (0.024) matte finish embossed carrier 3920r 1l00 1% 1530 3920r 1l00 1% 1530 3920r 1l00 1% 1530 specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. rev. 11/30/16 asia-pacifc: tel: +886-2 2562-4117 ? email: asiacus@bourns.com emea: tel: +36 88 520 390 ? email: eurocus@bourns.com the americas: tel: +1-951 781-5500 ? email: americus@bourns.com www.bourns.com components packaged on plastic tape & reel per eia-481. standard reel size: 13 inches tape width: 16 mm quantity: 3,000 pcs. per reel mini-reel size: 7 inches tape width: 16 mm quantity: 1000 pcs. per reel 3312 - 2 mm smd trimming potentiometer


▲Up To Search▲   

 
Price & Availability of CSS2H-3920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X